Part Number Hot Search : 
75558P HV5622X SR2N7 MAN5750 74LS19 4063AP LBS70A18 4Z09B
Product Description
Full Text Search
 

To Download FT1008MH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  on-state current 10 amp ft1008.h logic level triac this series of triac s uses a high performance pnpn technology. these par ts are intended for general purpose ac switching applications with highly inductive loads. jul - 02 absolute maximum ratings, according to iec publication no. 134 to220-ab gate trigger current 10 ma off-state voltage 200 v ?600 v mt1 mt2 g mt2 rms on-state current non-repetitive on-state current non-repetitive on-state current fusing current peak gate current average gate power dissipation critical rate of rise of on-state current operating temperature storage temperature i t(rms) parameter conditions min. max. unit symbol i tsm i 2 t i gm p g(av) t j t stg all conduction angle, t c = 105 ? full cycle, 60 hz full cycle, 50 hz t p = 10 ms, half cycle 20 ? max. t j =125? t j =125? i g = 2x i gt , t r 100ns f= 120 hz, t j =125? 10 105 100 55 50 -40 -40 a a a a 2 s a w a/? ? ? 4 1 +125 +150 di/dt i tsm repetitive peak off state voltage parameter voltage unit symbol v drm v rrm b 200 v m 600 d 400
ft1008.h logic level triac jul - 02 electrical characteristics gate trigger current off-state leakage current threshold voltage dynamic resistance on-state voltage gate trigger voltage gate non trigger current holding current latching current critical rate of voltage rise parameter conditions sensitivity unit symbol i gt (1) i drm v d = 12 v dc , r l = 33 w , t j = 25 ? ma 08 10 1 5 0.85 40 1.55 1.3 0.2 1.5 60 ma ? v m w v v v ma ma v/? a/ms max max max max max max max min max max max min min min min /i rrm v tm (2) v gt v gd i h (2) i l dv / dt (2) r th(j-a) thermal resistance junction-ambient v d = v drm , t j = 125 ? t j = 25 ? v r = v rrm , i t = 14 amp, tp = 380 ?, t j = 25 ? v d = 12 v dc , r l = 33 w , t j = 25 ? i t = 500 ma , gate open, t j = 25 ? i g = 1.2 i gt , t j = 25 ? v d = 0.67 x v drm , gate open t j = 125 ? quadrant q1?3 q1?3 q1?3 q1,q3 q2 v d = v drm , r l = 3.3k w , t j = 125 ? ?/w ?/w 15 25 30 40 6.5 2.9 - (1) minimum i gt is guaranted at 5% of i gt max. (2) for either polarity of electrode mt2 voltage with reference to electrode mt1. r th(j-c) thermal resistance junction-case for ac 360?conduction angle (di/dt)c (2) critical rate of current rise (dv/dt)c= 0.1 v/? t j = 125 ? (dv/dt)c= 10 v/? t j = 125 ? without snubber tj = 125 ? v to (2) r d (2) t j = 125 ? t j = 125 ? part number information fagor triac current case voltage sensitivity f t 10 08 b h 00 forming tu packaging
1 10 100 1000 130 120 110 100 90 80 70 60 50 40 30 20 10 0 i tsm (a) number of cycles 1e+0 1e-1 1e-2 k=[zth / rth] 1e-3 1e-2 1e-1 1e+0 1e+1 1e+2 5e+2 tp (s) i t(rms) (a) jul - 02 fig. 1: maximum power dissipation versus rms on-state curren (full cycle). 0 25 50 75 100 125 fig. 2: rms on-state current versus case temperature (full cycle). fig. 3: : relative variation of thermal impedance versus pulse duration. fig. 5: surge peak on-state current versus number of cycles fig. 6: non-repetitive surge peak on-state current for a sinusoidal pulse with width tp<10ms, and corresponding value of i 2 t. fig. 4: on-state characteristics (maximum values) ft1008.h logic level triac p (w) tc (c) i t(rms) (a) 0 2 4 6 8 0 2 4 6 8 10 12 14 16 0 2 4 6 8 10 12 14 100 10 1 i tm (a) 0.5 1.0 1.5 2.0 2.5 3.0 5.0 v tm (v) zth(j-c) zth(j-a) 3.5 4.0 4.5 tj max vto = 0.85 v rt = 35m w 0.01 0.10 1.00 10.00 1000 100 10 i tsm (a), i 2 t (a 2 s) tp (ms) non repetitive tj initial = 25 c repetitive tc = 90 c tj initial = 25 c dl/dt limitation 50a/s 1 3 5 7 9 1 3 5 7 9 11 13 tj max tj = 25 c
ft1008.h logic level triac package mechanical data to-220ab (plastic) a a1 a2 b b1 b2 c c1 c2 e f i i4 l i2 i3 m ref. dimensions milimeters min. nominal max. 15.20 13.00 10.00 0.61 1.23 4.40 0.49 2.40 2.40 6.20 3.75 15.80 2.65 1.14 1.14 3.75 16.40 2.60 15.90 14.00 10.40 0.88 1.32 4.60 0.70 2.72 2.70 6.60 3.85 16.80 2.95 1.70 1.70


▲Up To Search▲   

 
Price & Availability of FT1008MH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X